PART |
Description |
Maker |
74LVTH16646MEAX 74LVT16646MEAX |
8K, 1K X 8, 16B PAGE, 2.5V SER EE IND, -40C to 85C, 8-TSSOP, T/R 位总线收发 512K, 64K X 8, 2.5V SER EE, IND, -40C to 85C, 8-SOIC 208mil, T/R 位总线收发
|
TE Connectivity, Ltd. Fairchild Semiconductor, Corp.
|
74LVT16245B 74LVT16245BEV |
74LVT16245B; 3.3 V LVT 16-bit transceiver (3-State) 32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 150mil, TUBE
|
Philips
|
SMLE12EC6T SMLE12BC7T SMLE12BC7TT86 SMLE13BC8T SML |
SML-E1 Series EXCELEDTM series Compact, Thin size (1.6×0.8mm, t=0.36mm)
|
Rohm
|
74S133DC 74S20DC 74S112DC |
1K, 128 X 8 SERIAL EE, -40C to 125C, 8-TSSOP, TUBE Dual 4-input NAND Gate 输入与非 J-K-Type Flip-Flop JK -型触发器
|
Rochester Electronics, LLC
|
P22-040I PA22-040 CM22-040 PA22-040I P22-040N P23- |
MCU CMOS 40 LD 16MHZ 8K EPRM, 0C to 70C, 40-PDIP, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-TQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-TQFP, TRAY 14 pin PIC with falsh, comparator, midrange core, 1K words flash & 128 bytes, -40C to 85C, 14-TSSOP, TUBE FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 20-SSOP 208mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8MHz internal osc, HiVolt support, -40C to 85C, 14-TSSOP, T/R MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44LD 16MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-TQFP, TRAY MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-MQFP, TRAY 模拟IC MCU CMOS 44 LD 16MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd.
|
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
P4C1281L-30CC P4C1281L-30CM P4C1281L-30JC P4C1282L |
Dual LDO w/Microcontroller Reset Function, -40C to 125C, 8-DFN, T/R DUAL LDO W/MICROCONTROLLER, -40C to 125C, 8-DFN, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R DUAL LDO W/MICROCONTROLLER WITH RESET FUNCTION, -40C to 125C, 8-MSOP, T/R x4 SRAM x4的SRAM
|
TE Connectivity, Ltd.
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
P4C1681L-45DM P4C1681L-35DM P4C1682-45DM P4C1682-4 |
Temp Sensor, Low Voltage, -40C to 85C, 8-PDIP, TUBE PWM FAN SPEED CONTROLLER, -40C to 85C, 8-MSOP, T/R x4 SRAM x4的SRAM
|
Electronic Theatre Controls, Inc.
|
P4C1299-45CM P4C1299-45LM P4C1299-45CMB P4C1299-45 |
DUAL LDO W/MICROCONTROLLER WITHOUT RESET FUNCTION, -40C to 125C, 8-DFN, T/R Quad LDO w Shutdown, Independent Reset, -40C to 125C, 16-QSOP, T/R x4的SRAM x4 SRAM x4的SRAM 8-Bit Digital-To-Analog Converter with Two-Wire Interface, -40C to 85C, 8-SOIC 150mil, TUBE x4的SRAM 10-Bit Digital-To-Analog Converter with Two-Wire Interface, -40C to 85C, 8-MSOP, TUBE x4的SRAM Dual LDO w Shutdown, SelectModeTM, RESET output, -40C to 125C, 10-MSOP, TUBE x4的SRAM
|
Ecliptek, Corp. Cypress Semiconductor, Corp. Pyramid Semiconductor, Corp. Silicon Storage Technology, Inc. Linear Technology, Corp.
|
74LVX163 74LVX163M 74LVX163MTC 74LVX163SJ 74LVX163 |
2K, 128 X 16 SERIAL EE 1.8V, -40C to 85C, 8-PDIP, TUBE LV/LV-A/LVX/H SERIES, SYN POSITIVE EDGE TRIGGERED 16-BIT UP BINARY COUNTER, PDSO16 CAP 100UF 160V ELECT EB SMD Low Voltage Synchronous Binary Counter with Synchronous Clear From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
790LT8 790LT4 |
2.0-5.5V 2MHZ, IQ/BW selectable, Single with Chip Select, Low Power OP Amp, -40C to 125C, 8-SOIC 150mil, T/R Single 2 MHz OP, E temp, -40C to 125C, 5-SOT-23, T/R 模拟IC
|
Vishay Intertechnology, Inc.
|
|